Part Number Hot Search : 
SD400 UTC78M09 AN2335 6EL1SCM 80C32E 2C150 BA6897S 25ETS08S
Product Description
Full Text Search
 

To Download CX25828 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5-line adaptive c om b f ilter chroma path luma path scaler output formatte r vdec a motion detection digital video i/o module configurable bt.656 1/2/4/8 ch @ 27, 54, or 108 mh z vid_a_dat[7:0 ] vid_b_dat[7:0] vid_c_dat[7:0] vid_d_dat[7:0 ] vin1 5-line adaptive c om b f ilter chroma path luma path scaler output formatte r vdec h motion detectio n vin 8 ain 1-9 audio processor i2s/dsp digital i/o, 8/16/24 bit @ 8, 16, 32, 44.1, or 48 khz record/mix audio outputs playback/cascaded audio input s record i2 s mix ou t playback i2 s cascade_in/out aou t adc adc adc dac the CX25828 eight-channel video decoder was designed for surveillance applications. the CX25828 contains eight high-quality ntsc/pal video decoders, nine audio adcs, and one audio dac. the video decoders are designed with 10-bit adcs and 5-line comb filtering for optimal luma-chroma separation to generate the highest-quality digital video output with the lowest possible noise and cross-luma/cross-chroma artifacts. they are also designed to lock to low-level inputs, as well as line- locked cameras, both of which are common in video surveillance systems. each video decoder includes a scaler for down-scaling the video, both horizontally and vertically, and controls for adjusting brightness, contrast, hue, saturation, and sharpness. the CX25828 supports the standard itu-r bt.656 digital video format and byte- multiplexed output at 27 mhz, 54 mhz, and 108 mhz. in addition, each video decoder includes a motion detection and image analytical engine. with adjustable luma thresholds, adjustable temporal sensitivity, and block masks, this feature can be utilized to notify host controllers to start recording or wake from sleep during detected events. the CX25828 includes an audio codec with nine adcs and one dac for audio playback or two-way communication applications. the CX25828 was designed with maximum flexibility in mind, providing bi-directional bridging of video and audio data, as well as generic connectivity through gpio and i 2 c interfaces. CX25828 8-channel video/audio decoder with integrated audio dac applications ? video surveillance part number CX25828 description CX25828 8-channel video/audio decoder with integrated audio dac
distributor/representative information CX25828 features ? eight high-quality ntsc/pal video decoders: ? anti-aliasing filters ? 10-bit adcs ? 5-line comb filtering ? independent scaling ? brightness/contrast/hue/ saturation/sharpness controls ? excellent low level-signal locking ? audio codec ? 9 adcs (8 adcs for each camera input and one pair audio codec for two-way communication function) ?1 dac ? support for 8/16/32/44.1/48k hz sample rates ?4 i 2 s interfaces for record, mix, cascade, and playback ? support interleaved i 2 s/dsp style output ? a-law/u-law encoding ? 8/16/24 bit pcm audio data ? flexible digital video output formats ? itu-r bt.656 ? byte-interleaved of multiple sources at 27/54/108 mhz ? programmable motion detection ? i 2 c interface ? 9 gpios ? the CX25828 is packaged in a 128-pin etqfp package. 16-channel dvr application vid_a i 2 s_record i 2 s_playback vid_b vid_c vid_d 8 (video) 8 (audio) CX25828 h.264 codec 8 (video) 8 (audio) i 2 s_cas_out 8 (video) 8 (audio) i 2 s_cas_in vid_a i 2 s_record i 2 s_playback vid_b vid_c vid_d vid_a vid_b vid_c vid_d CX25828 CX25828 h.264 codec www.conexant.com general information: u.s. and canada: (888) 855-4562 international: 1+ (949) 483-3000 headquarters 4000 macarthur blvd. newport beach, ca 92660 doc# pbr-202763 ? 2011 conexant systems, inc. all rights reserved. conexant and the conexant logo are registered trademarks of conexant systems, inc. all other trademarks are owned by their respective owners. although conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice. this material is provided as is and without any express or implied warranties, including merchant ability, fitness for a particular purpose and non-infringement. conexant shall not be liable for any special, indirect, incidental or consequential damages as a result of its use. typical application diagrams 8-channel dvr application


▲Up To Search▲   

 
Price & Availability of CX25828

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X